|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
D44H8 - POWER TRANSISTORS(10A,30-80V,50W) - Mospec Semiconductor |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| D44VM | POWER TRANSISTORS 8A 30-80V 50W | 1 2 3 | Mospec Semiconductor |
| 2N3740 | Medium Power PNP Transistors | 1 2 3 | Microsemi Corporation |
| 2N7372 | Complimentary Power Transistors in Hermetic Isolated TO-254AA Packages | 1 2 3 | Microsemi Corporation |
| MRF1001A | RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS | 1 2 3 4 | Microsemi Corporation |
| MRF951 | RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS | 1 2 3 4 5 | Microsemi Corporation |
| 2SD985 | NPN SILICON DARLINGTON POWER TRANSISTORS | 1 2 3 | NEC |
| 2SK2677 | HVX-2 Series Power MOSFET 900V 10A | 1 2 3 4 5 More | Shindengen Electric Mfg.Co.Ltd |
| HUF76131SK8 | 10A 30V 0.013 Ohm N-Channel Logic Level UltraFET Power MOSFET | 1 2 3 4 5 More | Fairchild Semiconductor |
| BUZ45B | 10A 500V 0.500 Ohm N-Channel Power MOSFET | 1 2 3 4 5 | Intersil Corporation |
| 2N4921 | 1 AMPERE GENERAL PURPOSE POWER TRANSISTORS 30 WATTS | 1 2 3 4 5 More | ON Semiconductor |
Datasheet Page |
1 2 3 |
Link URL |
|
|