|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
2SB1424 - Low VCE(sat) Transistor - Guangdong Kexin Industrial Co.,Ltd |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| NSS40200UW6T1G | 40 V 4.0 A Low VCE sat PNP Transistor | 1 2 3 4 5 | ON Semiconductor |
| PBSS306PZ | 100 V 4.1 A PNP low VCEsat BISS transistor | 1 2 3 4 5 More | NXP Semiconductors |
| ZXTP03200BG | 200V PNP Low VCE sat transistor | 1 2 3 4 5 More | Zetex Semiconductors |
| TSB772_07 | Low Vcesat PNP Transistor | 1 2 3 4 | Taiwan Semiconductor Company, Ltd |
| PBHV8115T | 150 V 1 A NPN high-voltage low VCEsat BISS transistor | 1 2 3 4 5 More | NXP Semiconductors |
| NSS40500UW3T2G | 40 V 6.0 A Low VCE sat PNP Transistor | 1 2 3 4 5 | ON Semiconductor |
| PBSS2515YPN | 15 V low VCE sat NPN/PNP transistor | 1 2 3 4 5 More | NXP Semiconductors |
| ZXTP03200BZ | 200V PNP Low VCE sat transistor | 1 2 3 4 5 More | Zetex Semiconductors |
| PBHV8115Z | 150 V 1 A NPN high-voltage low VCEsat BISS transistor | 1 2 3 4 5 More | NXP Semiconductors |
| NSS40600CF8T1G | 40 V 7.0 A Low VCE sat PNP Transistor | 1 2 3 4 5 | ON Semiconductor |
Datasheet Page |
1 |
Link URL |
|
|