|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
2SC4097 - Medium Power Transistor - Guangdong Kexin Industrial Co.,Ltd |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| 2N6059_03 | SILICON NPN POWER DARLINGTON TRANSISTOR | 1 2 3 4 | STMicroelectronics |
| FXT555 | PNP SILICON PLANAR MEDIUM POWER TRANSISTOR | 1 | Zetex Semiconductors |
| 2SB776 | MEDIUM POWER LOW VOLTAGE TRANSISTOR | 1 2 3 | Unisonic Technologies |
| ZXTP19020CFF | 20V SOT23F PNP medium power transistor | 1 2 3 4 5 More | Zetex Semiconductors |
| ZXTN08400BFF | 400V SOT23F NPN medium power high voltage transistor | 1 2 3 4 5 More | Zetex Semiconductors |
| FXT601B | NPN SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTOR | 1 | Zetex Semiconductors |
| GL194 | NPN SILICON PLANAR MEDIUM POWER TRANSISTOR | 1 2 | GTM CORPORATION |
| ZXTP25040DZ | 40V PNP medium power transistor | 1 2 3 4 5 More | Zetex Semiconductors |
| AT-42070 | Up to 6 GHz Medium Power Silicon Bipolar Transistor | 1 2 3 4 5 | AVAGO TECHNOLOGIES LIMITED |
| FZT657 | NPN Silicon Planar Medium Power Transistor | 1 | Guangdong Kexin Industrial Co.,Ltd |
Datasheet Page |
1 2 |
Link URL |
|
|