|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
2SA1015 - PNP Transistor - Guangdong Kexin Industrial Co.,Ltd |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| NSS30070MR6T1G | 30 V 0.7 A Low VCE sat PNP Transistor | 1 2 3 4 | ON Semiconductor |
| ZX5T953Z | 100V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89 | 1 2 3 4 5 More | Zetex Semiconductors |
| 2STX2220 | High Gain Low Voltage PNP Power Transistor | 1 2 3 4 5 More | STMicroelectronics |
| STD888T4 | Medium Current High Performance Low Voltage PNP Transistor | 1 2 3 4 5 More | STMicroelectronics |
| DTA144TT1 | Bias Resistor Transistor PNP Silicon Surface Mount Transistor with Monolithic Bias Resistor Network | 1 2 3 | ON Semiconductor |
| S8550 | LOW VOLTAGE HIGH CURRENT SMALL SIGNAL PNP TRANSISTOR | 1 2 | Unisonic Technologies |
| DTA143X | PNP DIGITAL TRANSISTOR | 1 2 | Unisonic Technologies |
| TIP107 | PNP EPITAXIAL TRANSISTOR | 1 2 3 | Unisonic Technologies |
| FJY4014R | PNP Epitaxial Silicon Transistor | 1 2 3 4 | Fairchild Semiconductor |
| MMST4403_1 | PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR | 1 2 3 4 5 | Diodes Incorporated |
Datasheet Page |
1 |
Link URL |
|
|