|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
2SC4102 - High-voltage Amplifier Transistor - Guangdong Kexin Industrial Co.,Ltd |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| 2SA1579 | High-Voltage Amplifier Transistor | 1 | Guangdong Kexin Industrial Co.,Ltd |
| 2SC4102_1 | High-voltage Amplifier Transistor 120V 50mA | 1 2 3 | Rohm |
| 2SA1579 | High-voltage Amplifier Transistor -120V -50mA | 1 2 3 4 | Rohm |
| 2SC5274 | High-Voltage Amplifier Transistor | 1 | Rohm |
| 2SC3906K | High-voltage Amplifier Transistor | 1 | Guangdong Kexin Industrial Co.,Ltd |
| 2SA1514K | High-voltage Amplifier Transistor | 1 | Guangdong Kexin Industrial Co.,Ltd |
| 2SC6096 | NPN Epitaxial Planar Silicon Transistor High-Voltage Switching Applications | 1 2 3 4 | Sanyo Semicon Device |
| PBHV8540T | 500 V 0.5 A NPN high-voltage low VCEsat BISS transistor | 1 2 3 4 5 More | NXP Semiconductors |
| SFT1201 | NPN Epitaxial Planar Silicon Transistor High-Voltage Switching Applications | 1 2 3 4 | Sanyo Semicon Device |
| BF820W | NPN High-Voltage Transistor | 1 | Guangdong Kexin Industrial Co.,Ltd |
Datasheet Page |
1 |
Link URL |
|
|