|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
KVN4424Z - 250V N-Channel Enhancement Mode Vertical MOSFET - Guangdong Kexin Industrial Co.,Ltd |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| ZXM41N10F | SOT23 N-CHANNEL ENHANCEMENT MODE VERTICAL D MOSFET | 1 2 | Zetex Semiconductors |
| KVP4424Z | 250V P-Channel Enhancement Mode Vertical MOSFET | 1 2 | Guangdong Kexin Industrial Co.,Ltd |
| KVN4525E6 | 250V N-Channel Enhancement Mode MOSFET | 1 2 | Guangdong Kexin Industrial Co.,Ltd |
| PJD06N03 | 25V N-Channel Enhancement Mode MOSFET | 1 2 3 4 | Pan Jit International Inc. |
| ZXMN6A07F_07 | 60V SOT23 N-channel enhancement mode mosfet | 1 2 3 4 5 More | Zetex Semiconductors |
| ZXMN10A25G | 100V SOT223 N-channel enhancement mode MOSFET | 1 2 3 4 5 More | Zetex Semiconductors |
| ZVN4206AV | N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET | 1 2 3 | Zetex Semiconductors |
| SPN3055 | N-Channel Enhancement Mode MOSFET | 1 2 3 4 5 More | SYNC POWER Crop. |
| SPN7002D | Dual N-Channel Enhancement Mode MOSFET | 1 2 3 4 5 More | SYNC POWER Crop. |
| G2402 | N-CHANNEL ENHANCEMENT MODE POWER MOSFET | 1 2 3 4 | GTM CORPORATION |
Datasheet Page |
1 2 |
Link URL |
|
|