|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
KDS3912 - 100V Dual N-Channel PowerTrench MOSFET - Guangdong Kexin Industrial Co.,Ltd |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| KDS3601 | 100V Dual N-Channel PowerTrench MOSFET | 1 2 | Guangdong Kexin Industrial Co.,Ltd |
| FDW2501N_08 | Dual N-Channel 2.5V Specified PowerTrench MOSFET | 1 2 3 4 5 | Fairchild Semiconductor |
| FDW2503N_08 | Dual N-Channel 2.5V Specified PowerTrench MOSFET | 1 2 3 4 5 | Fairchild Semiconductor |
| FDW2501NZ_02 | Dual N-Channel 2.5V Specified PowerTrench MOSFET | 1 2 3 4 5 | Fairchild Semiconductor |
| FDMA1028NZ | Dual N-Channel PowerTrench MOSFET | 1 2 3 4 5 More | Fairchild Semiconductor |
| FDW2501NZ_08 | Dual N-Channel 2.5V Specified PowerTrench MOSFET | 1 2 3 4 5 | Fairchild Semiconductor |
| FDW2512NZ_08 | Dual N-Channel 2.5V Specified PowerTrench MOSFET | 1 2 3 4 5 More | Fairchild Semiconductor |
| FDD3670_01 | 100V N-Channel PowerTrench MOSFET | 1 2 3 4 5 | Fairchild Semiconductor |
| KDD3670 | 100V N-Channel PowerTrench MOSFET | 1 2 | Guangdong Kexin Industrial Co.,Ltd |
| FDW2501N | Dual N-Channel 2.5V Specified PowerTrench MOSFET | 1 2 3 4 5 | Fairchild Semiconductor |
Datasheet Page |
1 2 |
Link URL |
|
|