|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
KDD3670 - 100V N-Channel PowerTrench MOSFET - Guangdong Kexin Industrial Co.,Ltd |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| FDD3670_01 | 100V N-Channel PowerTrench MOSFET | 1 2 3 4 5 | Fairchild Semiconductor |
| FDS3670_0011 | 100V N-Channel PowerTrench MOSFET | 1 2 3 4 5 | Fairchild Semiconductor |
| FDS3680_0011 | 100V N-Channel PowerTrench MOSFET | 1 2 3 4 5 | Fairchild Semiconductor |
| FDMS3672 | N-Channel UltraFET Trench MOSFET 100V 22A 23mohm | 1 2 3 4 5 More | Fairchild Semiconductor |
| FDMS3662 | N-Channel Power Trench® MOSFET 100V 49A 14.8mΩ | 1 2 3 4 5 More | Fairchild Semiconductor |
| FDW9926A | Dual N-Channel 2.5V Specified PowerTrench MOSFET | 1 2 3 4 5 | Fairchild Semiconductor |
| FDD6670A_05 | 30V N-Channel PowerTrench MOSFET | 1 2 3 4 5 More | Fairchild Semiconductor |
| FDD6672A | 30V N-Channel PowerTrench MOSFET | 1 2 3 4 5 More | Fairchild Semiconductor |
| FDS6912_0007 | Dual N-Channel Logic Level PWM Optimized PowerTrench MOSFET | 1 2 3 4 5 | Fairchild Semiconductor |
| KDB3652 | N-Channel PowerTrench MOSFET | 1 2 | Guangdong Kexin Industrial Co.,Ltd |
Datasheet Page |
1 2 |
Link URL |
|
|