|
Electronic Component's Datasheet Search Site ![]() Mirror site : alldatasheet.net , alldatasheet.co.kr , cn.alldatasheet.com , alldatasheet.jp , alldatasheet.es , alldatasheet.fr Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
Shortcut | |
|
Datasheet |
BUY69A - POWER TRANSISTORS(10A,200-400V,100W) - Mospec Semiconductor |
|
Click BUY69A to view datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| 2N6304 | RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS | Microsemi Corporation |
| MJE13008 | POWER TRANSISTORS 12A 300-400V 100W | Mospec Semiconductor |
| MRF904 | RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS | Microsemi Corporation |
| STK0100II | Thick Film Hybrid Integrated Circuit 100W MIN AF POWER AMP OUTPUT STAGE DPP | Sanyo Semicon Device |
| FQD6N50C | These N-Channel enhancement mode power field effect transistors are produced using Fairchilds proprietary planar stripe DMOS technology | Fairchild Semiconductor |
| T12A6CI | BI-DIRECTIONAL TRIODE THYRISTOR 10A MOLD TRIAC AC POWER CONTROL | KEC(Korea Electronics) |
| CEN-U01A | Power Transistors | Central Semiconductor Corp |
| BUX98 | HIGH POWER NPN SILICON TRANSISTORS | STMicroelectronics |
| LET8180 | RF POWER TRANSISTORS Ldmos Enhanced Technology | STMicroelectronics |
| MJD122 | COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS | STMicroelectronics |
Link URL |
|
|
Related keyword |
| BUY69A Datasheet | BUY69A Cross Reference | BUY69A Schematic | BUY69A Distributor | BUY69A Datenblatt | BUY69A RoHS |
| BUY69A Equivalent | BUY69A Application Notes | BUY69A Data Sheet | BUY69A component | BUY69A Fiche Technique | BUY69A Circuit |
Sponsor of Alldatasheet |
|
|
Does ALLDATASHEET.COM help your business so far? |
About Alldatasheet | Advertisement | Partner program | Contact us | Privacy Policy | Bookmark | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com 2003 - 2009 |
| |