|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
AFL3X-15 - OUTLINE, AFL3X-15 COAX ATTENUATOR - Advanced Technical Materials Inc. |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| AH30V08X | OUTLINE 30W CONTINOUSLY VARIABLE COAX ATTENUATOR | 1 | Advanced Technical Materials Inc. |
| AV262X-40 | OUTLINE AV262X-40 ATTENUATOR SMA | 1 | Advanced Technical Materials Inc. |
| T5017A | OUTLINE COAX TERMINATION 50W SMA | 1 | Advanced Technical Materials Inc. |
| 229-630HPA-XX-X-X | OUTLINE WR229 FIXED HIGH POWER ATTENUATOR | 1 | Advanced Technical Materials Inc. |
| AV08-XX-28 | OUTLINE AV08 MOTOR DRIVEN ATTENUATOR | 1 | Advanced Technical Materials Inc. |
| 28-630HPA-XX-6-6 | OUTLINE WR28 HIGH POWER FIXED ATTENUATOR | 1 | Advanced Technical Materials Inc. |
| AV07-XX-28 | OUTLINE AV07 MOTOR-DRIVEN ATTENUATOR | 1 | Advanced Technical Materials Inc. |
| 28-620A-30-X-X | OUTLINE WR28 TURNS COUNTING DIAL VARIABLE ATTENUATOR | 1 | Advanced Technical Materials Inc. |
| AV06-XX-28 | OUTLINE AV06 MOTOR-DRIVEN ATTENUATOR | 1 | Advanced Technical Materials Inc. |
Datasheet Page |
1 |
Link URL |
|
|