|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
AH30V08X - OUTLINE, 30W CONTINOUSLY VARIABLE COAX ATTENUATOR - Advanced Technical Materials Inc. |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| 28-620A-30-X-X | OUTLINE WR28 TURNS COUNTING DIAL VARIABLE ATTENUATOR | 1 | Advanced Technical Materials Inc. |
| AT-635_1 | Voltage Variable Absorptive Attenuator 35 dB DC-2.0 GHz | 1 2 3 | Tyco Electronics |
| MAAV-007089-000100 | Voltage Variable Attenuator 800 - 1000 MHz | 1 2 3 4 | Tyco Electronics |
| AVAF08X-XX-NF | AV/AF08X-XX-N/F ATTENUATOR OUTLINE | 1 | Advanced Technical Materials Inc. |
| CHP27XX-XXF-XXR | OUTLINE HP 600W DUAL COAX DIRECTIONAL COUPLER | 1 | Advanced Technical Materials Inc. |
| MAATCC0013 | Voltage Variable Attenuator 824 - 960 MHz | 1 2 3 4 5 | Tyco Electronics |
| MAAV-007090-000100 | Voltage Variable Attenuator 1700 - 2000 MHz | 1 2 3 4 | Tyco Electronics |
| SKY12146-321_07 | GaAs IC 25 dB Voltage Variable Attenuator 2.7-4 GHz | 1 2 3 4 | Skyworks Solutions Inc. |
| AV103-12 | GaAs IC 35 dB Voltage Variable Attenuator Single Positive Control 0.5-2.5 GHz | 1 2 3 4 | Skyworks Solutions Inc. |
Datasheet Page |
1 |
Link URL |
|
|