|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
1N5818 - Schottky Barrier Rectifier Diodes - Guangdong Kexin Industrial Co.,Ltd |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| PBYR235CT | Rectifier diodes Schottky barrier | 1 2 3 4 5 | NXP Semiconductors |
| PBYR2545CTB | Rectifier diodes schottky barrier | 1 2 3 4 5 | NXP Semiconductors |
| KLL5817W | Schottky Barrier Rectifier Diodes | 1 | Guangdong Kexin Industrial Co.,Ltd |
| MBR2040C | SCHOTTKY BARRIER RECTIFIER DIODES | 1 2 | Unisonic Technologies |
| MBR2045C | SCHOTTKY BARRIER RECTIFIER DIODES | 1 2 | Unisonic Technologies |
| SBL3040C | SCHOTTKY BARRIER RECTIFIER DIODES | 1 2 | Unisonic Technologies |
| BAT54X | SCHOTTKY BARRIER DUAL DIODES | 1 2 3 4 | Unisonic Technologies |
| 1N5817_1 | 1.0A SCHOTTKY BARRIER RECTIFIER | 1 2 3 | Diodes Incorporated |
| SD930_1 | HIGH CURRENT SCHOTTKY BARRIER RECTIFIER | 1 2 3 | Diodes Incorporated |
| MBR1070CT_1 | 10A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER | 1 2 | Diodes Incorporated |
Datasheet Page |
1 2 3 |
Link URL |
|
|