|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
MC34063 - 1.2 A, Step-Up/Down/Inverting Switching Regulators - Guangdong Kexin Industrial Co.,Ltd |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| RJK6014DPP | Silicon N Channel MOS FET High Speed Power Switching | 1 2 3 4 | Renesas Technology Corp |
| MC33063A_07 | 1.5-A PEAK BOOST/BUCK/INVERTING SWITCHING REGULATORS | 1 2 3 4 5 More | Texas Instruments |
| PSB | 3 to 8 A Switching Regulators | 1 2 3 | Power-One |
| CS2001 | 1.2 A Switching Regulator and 5.0 V 100 mA Linear Regulator with RESET | 1 2 3 4 5 More | ON Semiconductor |
| PSC | 6 to 12 A Switching Regulators | 1 2 3 | Power-One |
| MIC2172_05 | 100kHz 1.25A Switching Regulators | 1 2 3 4 5 More | Micrel Semiconductor |
| PSL | 6 to 12 A Switching Regulators | 1 2 3 4 | Power-One |
| NCV33163_05 | 2.5 A Step−Up/Down/Inverting Switching Regulators | 1 2 3 4 5 More | ON Semiconductor |
| LM3481 | High Efficiency Low-Side N-Channel Controller for Switching Regulators | Coming Soon | National Semiconductor |
| S-8550 | STEP-DOWN BUILT-IN FET SYNCHRONOUS RECIFICATION PWM CONTROL SWITCHING REGULATORS | 1 2 3 4 5 More | Seiko Instruments Inc |
Datasheet Page |
1 2 |
Link URL |
|
|