|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
KI1555DL - Complementary Low-Threshold MOSFET Pair - Guangdong Kexin Industrial Co.,Ltd |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| SI1555DL_08 | Complementary Low-Threshold MOSFET Pair | 1 2 3 4 5 More | Vishay Siliconix |
| SI1563EDH_08 | Complementary 20-V D-S Low-Threshold MOSFET | 1 2 3 4 5 More | Vishay Siliconix |
| SI1563DH_08 | Complementary 20-V D-S Low-Threshold MOSFET | 1 2 3 4 5 More | Vishay Siliconix |
| RF3S49092SM | 20A/10A 12V 0.060/0.140 Ohm Logic Level Complementary Power MOSFET | 1 2 3 4 5 More | Fairchild Semiconductor |
| SPC6601 | N & P Pair Enhancement Mode MOSFET | 1 2 3 4 5 More | SYNC POWER Crop. |
| MC14007UB_06 | Dual Complementary Pair Plus Inverter | 1 2 3 4 5 More | ON Semiconductor |
| SI1029X | Complementary N- and P-Channel 60-V D-S MOSFET | 1 2 3 4 5 More | Vishay Siliconix |
| SI3850ADV_08 | Complementary MOSFET Half-Bridge N- and P-Channel | 1 2 3 4 5 More | Vishay Siliconix |
| SPC6602 | N & P Pair Enhancement Mode MOSFET | 1 2 3 4 5 More | SYNC POWER Crop. |
| NTLJD3119C | Power MOSFET 20 V/−20 V 4.6 A/−4.1 A uCool Complementary 2x2 mm WDFN Package | 1 2 3 4 5 More | ON Semiconductor |
Datasheet Page |
1 2 |
Link URL |
|
|