|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
2SC3583 - NPN Silicon Epitaxial Transistor - Guangdong Kexin Industrial Co.,Ltd |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| 2N6059_03 | SILICON NPN POWER DARLINGTON TRANSISTOR | 1 2 3 4 | STMicroelectronics |
| MMBTA44 | HIGH VOLTAGE TRANSISTOR NPN EPITAXIAL SILICON TRANSISTOR | 1 2 3 4 5 | Unisonic Technologies |
| FJY3007R | NPN Epitaxial Silicon Transistor | 1 2 3 4 | Fairchild Semiconductor |
| KSC2982_05 | NPN Epitaxial Silicon Transistor | 1 2 3 4 5 | Fairchild Semiconductor |
| UPA833TF_99 | NPN SILICON EPITAXIAL TWIN TRANSISTOR | 1 2 3 4 5 More | NEC |
| GM4672 | NPN EPITAXIAL SILICON TRANSISTOR | 1 2 | GTM CORPORATION |
| 2SC6081 | NPN Epitaxial Planar Silicon Transistor 50V / 5A High-Speed Switching | 1 2 3 4 | Sanyo Semicon Device |
| 2SC6099 | NPN Epitaxial Planar Silicon Transistor High-Voltage Switching Applications | 1 2 3 4 | Sanyo Semicon Device |
| CPH3234 | NPN Epitaxial Planar Silicon Transistor DC / DC Converter Applications | 1 2 3 4 | Sanyo Semicon Device |
| TPCP8901 | TOSHIBA Transistor Silicon NPN / PNP Epitaxial Type PCT Process | 1 2 3 4 5 More | Toshiba Semiconductor |
Datasheet Page |
1 |
Link URL |
|
|