|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
2SA1462 - PNP Silicon Epitaxia Transistor - Guangdong Kexin Industrial Co.,Ltd |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| 2N6059_03 | SILICON NPN POWER DARLINGTON TRANSISTOR | 1 2 3 4 | STMicroelectronics |
| FJY4006R | PNP Epitaxial Silicon Transistor | 1 2 3 4 | Fairchild Semiconductor |
| 2N3467 | PNP SILICON SWITCHING TRANSISTOR | 1 2 | Microsemi Corporation |
| BFN19 | SOT89 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR | 1 | Zetex Semiconductors |
| FCX705_02 | 120V PNP SILICON HIGH VOLTAGE DARLINGTON TRANSISTOR | 1 2 3 4 5 | Zetex Semiconductors |
| NS2029M3T5G | PNP Silicon General Purpose Amplifier Transistor | 1 2 3 4 | ON Semiconductor |
| GL195 | PNP SILICON PLANAR MEDIUM POWER TRANSISTOR | 1 2 | GTM CORPORATION |
| GM157 | PNP SILICON PLANAR HIGH PERFORMANCE TRANSISTOR | 1 2 | GTM CORPORATION |
| 2SA2207 | PNP Epitaxial Planar Silicon Transistor 50V / 13A High-Speed Switching Applications | 1 2 3 4 | Sanyo Semicon Device |
| CPH6531 | PNP Epitaxial Planar Silicon Transistor DC / DC Converter Applications | 1 2 3 4 | Sanyo Semicon Device |
Datasheet Page |
1 |
Link URL |
|
|