|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
1SV272 - Transmitting Receiving Antenna-switch Use PIN Diode - Guangdong Kexin Industrial Co.,Ltd |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| 1SV233 | PIN Diode for VHF UHF AGC USE | 1 | Guangdong Kexin Industrial Co.,Ltd |
| 1SV234 | PIN Diode for VHF UHF AGC USE Applications | 1 | Guangdong Kexin Industrial Co.,Ltd |
| MA4AGSW3 | AlGaAs SP3T PIN Diode Switch | 1 2 3 4 5 More | Tyco Electronics |
| DR65-0002_1 | Linear Driver for PIN Diode Attenuators | 1 2 | Tyco Electronics |
| MA4AGFCP910 | AlGaAs Flip-Chip PIN Diode 100MHz to 50GHz | 1 2 3 4 5 More | Tyco Electronics |
| MA4GC6773 | 77 GHz GaAs SP2T PIN Diode Switch | 1 2 3 | Tyco Electronics |
| MA8334 | RF High Average Power Multi-Throw PIN Diode Switch Modules | 1 2 3 | Tyco Electronics |
| BAP50-04W | General purpose PIN diode | 1 2 3 4 5 More | NXP Semiconductors |
| RN142ZS | PIN Diode | 1 2 | Rohm |
| RKP410KS | Composite Pin Diode for Antenna Switching | 1 2 3 4 5 More | Renesas Technology Corp |
Datasheet Page |
1 |
Link URL |
|
|