|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
BUV46 - POWER TRANSISTORS(6A,400-450V,70W) - Mospec Semiconductor |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| TK2070 | STEREO 70W 4Ohm CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING DPP TECHNOLOGY | 1 2 3 4 5 More | Tripath Technology Inc. |
| BDW93CFP | COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS | 1 2 3 4 | STMicroelectronics |
| PD54003L | RF POWER TRANSISTORS The LdmoST PLASTIC FAMILY | 1 2 3 4 5 More | STMicroelectronics |
| EMF20 | Power mamage emt dual transistors | 1 2 3 4 5 | Rohm |
| BUX48 | HIGH POWER NPN SILICON TRANSISTORS | 1 2 3 4 5 More | STMicroelectronics |
| 2N6371 | POWER TRANSISTORS TO-3 CASE | 1 | Central Semiconductor Corp |
| LET21004 | RF POWER TRANSISTORS Ldmos Enhanced Technology in Plastic Package | 1 2 3 4 | STMicroelectronics |
| SEFP8N18 | N-CHANNEL POWER MOS TRANSISTORS | 1 2 3 | List of Unclassifed Manufacturers |
| SD4100 | RF POWER TRANSISTORS UHF TV/LINEAR APPLICATIONS | 1 2 3 4 | STMicroelectronics |
| ST13005 | HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTORS | 1 2 3 4 5 More | STMicroelectronics |
Datasheet Page |
1 2 3 |
Link URL |
|
|