|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
C21X-XX - OUTLINE, DIRECTIONAL COUPLER, TYPE-N, OCTAVE BAND - Advanced Technical Materials Inc. |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| CH215-XX | OUTLINE 4-8GHz DIRECTIONAL COUPLER TYPE-N OCTAVE BAND | 1 | Advanced Technical Materials Inc. |
| CH115-XX | OUTLINE 4-8GHz DIRECTIONAL COUPLER TYPE-N OCTAVE BAND | 1 | Advanced Technical Materials Inc. |
| CH21X-XX | OUTLINE DIRECTIONAL COUPLER TYPE-N OCTAVE BAND | 1 | Advanced Technical Materials Inc. |
| CH225H-35 | OUTLINE DIRECTIONAL COUPLER TYPE-N | 1 | Advanced Technical Materials Inc. |
| CH135H-35 | OUTLINE DIRECTIONAL COUPLER DUAL SMA | 1 | Advanced Technical Materials Inc. |
| CH125H-35 | OUTLINE 4-18GHz DIRECTIONAL COUPLER SMA | 1 | Advanced Technical Materials Inc. |
| C22XX-XX | OUTLINE COUPLER TYPE-N MULTI-BAND | 1 | Advanced Technical Materials Inc. |
| CHP235H-35 | outline chp235h-35 directional coupler | 1 | Advanced Technical Materials Inc. |
| CHP27XX-XXF-XXR | OUTLINE HP 600W DUAL COAX DIRECTIONAL COUPLER | 1 | Advanced Technical Materials Inc. |
| MACP-008249-CH09B0 | 17dB Directional Coupler 5-120 MHz | 1 2 3 | Tyco Electronics |
Datasheet Page |
1 |
Link URL |
|
|