|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
CH21X-XX - OUTLINE, DIRECTIONAL COUPLER, TYPE-N, OCTAVE BAND - Advanced Technical Materials Inc. |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| CH215-XX | OUTLINE 4-8GHz DIRECTIONAL COUPLER TYPE-N OCTAVE BAND | 1 | Advanced Technical Materials Inc. |
| CH115-XX | OUTLINE 4-8GHz DIRECTIONAL COUPLER TYPE-N OCTAVE BAND | 1 | Advanced Technical Materials Inc. |
| CH225H-35 | OUTLINE DIRECTIONAL COUPLER TYPE-N | 1 | Advanced Technical Materials Inc. |
| CH125H-35 | OUTLINE 4-18GHz DIRECTIONAL COUPLER SMA | 1 | Advanced Technical Materials Inc. |
| CHP235H-35 | outline chp235h-35 directional coupler | 1 | Advanced Technical Materials Inc. |
| CHP27XX-XXF-XXR | OUTLINE HP 600W DUAL COAX DIRECTIONAL COUPLER | 1 | Advanced Technical Materials Inc. |
| CH135H-35 | OUTLINE DIRECTIONAL COUPLER DUAL SMA | 1 | Advanced Technical Materials Inc. |
| DC15-73 | Directional Coupler 1.42-1.66 GHz | 1 2 3 4 | Skyworks Solutions Inc. |
| 1M810S | Micro Xinger 10dB Directional Coupler | 1 2 3 | Anaren Microwave |
| XC0900P-10S | 10 dB Directional Coupler | 1 2 3 4 5 More | Anaren Microwave |
Datasheet Page |
1 |
Link URL |
|
|