|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
CH215-XX - OUTLINE, 4-8GHz DIRECTIONAL COUPLER, TYPE-N, OCTAVE BAND - Advanced Technical Materials Inc. |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| CH225H-35 | OUTLINE DIRECTIONAL COUPLER TYPE-N | 1 | Advanced Technical Materials Inc. |
| CHP235H-35 | outline chp235h-35 directional coupler | 1 | Advanced Technical Materials Inc. |
| CHP27XX-XXF-XXR | OUTLINE HP 600W DUAL COAX DIRECTIONAL COUPLER | 1 | Advanced Technical Materials Inc. |
| DC18-73 | Directional Coupler 1.71-1.99 GHz | 1 2 3 4 | Skyworks Solutions Inc. |
| 1P510 | PICO XINGER 10dB DIRECTIONAL COUPLER | 1 2 3 4 | Anaren Microwave |
| 1P520 | Pico Xinger 20dB Directional Coupler | 1 2 3 4 | Anaren Microwave |
| XC2100B-30S | 30 dB Directional Coupler | 1 2 3 4 5 More | Anaren Microwave |
| 90-331A-XX-X-X | OUTLINE WR90 COUPLER BROADWALL SHORT LENGTH HIGH-DIRECTIVITY | 1 | Advanced Technical Materials Inc. |
| 250-253-XX | OUTLINE WRD250 W/G-COAX ADAPTER TYPE-N | 1 | Advanced Technical Materials Inc. |
| 180-442-KF | OUTLINE WRD180 WIDE BAND HORN TYPE-K | 1 | Advanced Technical Materials Inc. |
Datasheet Page |
1 |
Link URL |
|
|