|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
ZMM5229B - Zener Diodes - Guangdong Kexin Industrial Co.,Ltd |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| 1N821_1 | TEMPERATURE COMPENSATED ZENER REFERENCE DIODES | 1 2 | Microsemi Corporation |
| CZRW55C2V4-G | Surface Mount Zener Diodes | 1 2 3 4 | Comchip Technology |
| SZ6A7.5 | 6.0W 8.0W and 10W 7.5 - 270 VOLTS ZENER DIODES | 1 2 | Solid States Devices, Inc |
| ZMD1 | Surface mount diode Zener silicon diodes | 1 | Semikron International |
| 2EZ11_04 | GLASS PASSIVATED JUNCTION SILICON ZENER DIODES | 1 2 3 4 | Pan Jit International Inc. |
| BZX84C | SURFACE MOUNT SILICON ZENER DIODES | 1 2 3 4 5 | Pan Jit International Inc. |
| BZX85C | SILICON PLANAR ZENER DIODES | 1 2 | TRANSYS Electronics Limited |
| BZX55C2V4 | 1/2 Watt ZENER DIODES 2.4V to 91V | 1 2 | First Components International |
| BZV58C10_06 | Zener silicon diodes | 1 | Semikron International |
| MTZJ | ZENER DIODES | 1 2 3 | Galaxy Semi-Conductor Holdings Limited |
Datasheet Page |
1 2 |
Link URL |
|
|