|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
250-253-C1 - OUTLINE, WRD250 W/G-COAX ADAPTER, TYPE-N - Advanced Technical Materials Inc. |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| 475-253-XX | OUTLINE WRD475 WG-COAX ADAPTER TYPE-N | 1 | Advanced Technical Materials Inc. |
| 250-442-C2 | OUTLINE WRD250 HORN ANTENNA 18-20dB | 1 | Advanced Technical Materials Inc. |
| 750-251-XX | OUTLINE WRD750 SMA - WAVEGUIDE ADAPTER | 1 | Advanced Technical Materials Inc. |
| 580-251-XX | OUTLINE WRD580 SMA - WAVEGUIDE ADAPTER | 1 | Advanced Technical Materials Inc. |
| 580-253-XX | OUTLINE WRD580 WG-COAX ADQPTER TYPE-N | 1 | Advanced Technical Materials Inc. |
| P224 | OUTLINE 2-WAY POWER DIVIDER TYPE-N | 1 | Advanced Technical Materials Inc. |
| DER-111 | 3.15W Adapter with < 100 mW standby using LNK500P | 1 2 3 4 5 More | Power Integrations, Inc. |
| SPD-060 | 60W Single Output Adapter | 1 | List of Unclassifed Manufacturers |
| NM-SM50+ | Coaxial Adapter N-MALE to SMA-M | 1 | Mini-Circuits |
| 2ADP | Adapter for installing a 22.5 mm device in a 30.5 cutout 2ADP | 1 | Altech corporation |
Datasheet Page |
1 |
Link URL |
|
|