|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
P21X - 2-WAY POWER DIVIDER SMA TYPE - Advanced Technical Materials Inc. |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| SDL-4 | 2-WAY POWER DIVIDER SURFACE MOUNT MODEL | 1 2 3 | List of Unclassifed Manufacturers |
| DSK-7M2B | 2-WAY POWER DIVIDER CONNECTORIZED MODEL | 1 2 3 4 | SYNERGY MICROWAVE CORPORATION |
| DSK-719S | 2-WAY POWER DIVIDER MODEL | 1 2 3 4 | SYNERGY MICROWAVE CORPORATION |
| SD2200 | 2-WAY POWER DIVIDER SURFACE MOUNT MODEL | 1 2 3 | SYNERGY MICROWAVE CORPORATION |
| SDL-4 | 2-WAY POWER DIVIDER SURFACE MOUNT MODEL | 1 2 3 | SYNERGY MICROWAVE CORPORATION |
| MAPD-008762-ES0001 | E-Series 2-way 90Ë Power Divider | 1 2 | Tyco Electronics |
| HD6001 | 1.0GHz - 18.0 GHz Broadband 2-Way Power Divider | 1 | HBH Microwave GmbH |
| P224 | OUTLINE 2-WAY POWER DIVIDER TYPE-N | 1 | Advanced Technical Materials Inc. |
| RJK6014DPP | Silicon N Channel MOS FET High Speed Power Switching | 1 2 3 4 | Renesas Technology Corp |
| DFS-905 | 6-WAY POWER DIVIDER SURFACE MOUNT MODEL | 1 2 3 4 | SYNERGY MICROWAVE CORPORATION |
Datasheet Page |
1 |
Link URL |
|
|