|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
BAS70W - Schottky barrier(double) diodes - Guangdong Kexin Industrial Co.,Ltd |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| SBL3040C | SCHOTTKY BARRIER RECTIFIER DIODES | 1 2 | Unisonic Technologies |
| 1PS70SB40 | General-purpose Schottky diodes | 1 2 3 4 5 More | NXP Semiconductors |
| CDSV6-4448TI-G | Small Signal Schottky Diodes | 1 2 | Comchip Technology |
| BAS70W | SURFACE MOUNT SCHOTTKY DIODES | 1 2 3 | Pan Jit International Inc. |
| RB751V-40 | SURFACE MOUNT SCHOTTKY DIODES | 1 2 3 | Pan Jit International Inc. |
| FST8320M | SCHOTTKY DIODES MODULE TYPE 80A | 1 2 | TRANSYS Electronics Limited |
| FSTI16020 | SCHOTTKY DIODES MODULE TYPE 160A | 1 2 | TRANSYS Electronics Limited |
| 1N5820_07 | Schottky barrier rectifiers diodes | 1 2 | Semikron International |
| BAT54_06 | Small signal Schottky diodes | 1 2 3 4 5 More | STMicroelectronics |
| MCL101A_06 | Small Signal Schottky Diodes | 1 2 3 4 5 | Vishay Siliconix |
Datasheet Page |
1 |
Link URL |
|
|