|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
P2AML4 - 22 mm Thermoplastic Enclosure Mushroom Push-Turn Operator - Altech corporation |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| P2AMLS4 | 22 mm Thermoplastic Enclosure Mushroom Push-Turn Operator | 1 | Altech corporation |
| P2AMPP4 | 22 mm Thermoplastic Enclosure Mushroom Push-Pull Operator | 1 | Altech corporation |
| 2AMLJX | 22mm Non-Illuminated Mushroom Push-Turn Mental Operator 2AMLJx | 1 | Altech corporation |
| 4-001-Q-10 | 22 mm Thermoplastic Enclosure White/Black Operator Capacity 1 | 1 | Altech corporation |
| 3-001-Q-11 | 22 mm Thermoplastic Enclosure White/Black Operator Capacity 1 | 1 | Altech corporation |
| 2AMJX | 22mm Non-Illuminated Large Mushroom Momentary Mental Operator 2AMJx | 1 | Altech corporation |
| P2AS2-X | 22 mm Thermoplastic Enclosure Selector Switch P2AS2-x x=type | 1 | Altech corporation |
| P2APX | 22 mm Thermoplastic Enclosure Projecting Push Button P2APx | 1 | Altech corporation |
| AMX | 30 mm Non-Illuminated Mushroom Momentary Metal Operator AMx | 1 | Altech corporation |
| 4-001-R-10 | 22 mm Thermoplastic Enclosures 4-001-R-10 Operator Capacity 2 Yellow/Black | 1 | Altech corporation |
Datasheet Page |
1 |
Link URL |
|
|