|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
2SA1514K - High-voltage Amplifier Transistor - Guangdong Kexin Industrial Co.,Ltd |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| 2SC4102_1 | High-voltage Amplifier Transistor 120V 50mA | 1 2 3 | Rohm |
| 2SA1579 | High-voltage Amplifier Transistor -120V -50mA | 1 2 3 4 | Rohm |
| 2SC5274 | High-Voltage Amplifier Transistor | 1 | Rohm |
| 2SC3906K | High-voltage Amplifier Transistor | 1 | Guangdong Kexin Industrial Co.,Ltd |
| MMBC1623L3 | AMPLIFIER TRANSISTOR | 1 2 3 4 5 More | Motorola, Inc |
| UMZ1NT1 | Complementary Dual General Purpose Amplifier Transistor | 1 2 3 4 5 | ON Semiconductor |
| 2N4234 | NPN POWER AMPLIFIER SILICON TRANSISTOR | 1 2 | Microsemi Corporation |
| KTC3790S | EPITAXIAL PLANAR NPN TRANSISTOR VHF/UHF WIDE BAND AMPLIFIER APPLICATION | 1 2 3 4 5 | KEC(Korea Electronics) |
| 2SC3963_06 | Silicon NPN Triple Diffused Type PCT Process High-Voltage General Amplifier Applications | 1 2 3 4 5 | Toshiba Semiconductor |
Datasheet Page |
1 |
Link URL |
|
|