|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
PS-C240 - 240W Single Output Industrial DIN Rail Power Supply with PFC Function - Altech corporation |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| SDR-240 | 240W Single Output Industrial DIN RAIL with PFC Function | 1 2 3 | Mean Well Enterprises Co., Ltd. |
| DRP-240 | 240W Single Output Industrial DIN RAIL Power Supply | 1 2 | Astrodyne Corporation |
| DRP-240 | 240W Single Output Industrial DIN RAIL Power Supply | 1 2 | Mean Well Enterprises Co., Ltd. |
| DRP-480 | 480W Single Output Industrial DIN RAIL with PFC Function | 1 2 | Mean Well Enterprises Co., Ltd. |
| DR-75 | 75W Single Output Industrial DIN Rail Power Supply | 1 2 | Astrodyne Corporation |
| DR-45 | 45W Single Output Industrial DIN Rail Power Supply | 1 2 | Mean Well Enterprises Co., Ltd. |
| MDR-60 | 60W Single Output Industrial DIN Rail Power Supply | 1 2 | Mean Well Enterprises Co., Ltd. |
| PS-S10 | 10W Single Output Industrial DIN Rail Power Supply | 1 2 | Altech corporation |
| PSSP200 | Single Output 200 Watt with PFC Function AC/DC Switching Power Supply | 1 2 3 | Wall Industries,Inc. |
| DR-120 | 120W Single Output Industrial DIN RAIL Power Supply | 1 2 | Astrodyne Corporation |
Datasheet Page |
1 2 |
Link URL |
|
|