|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
PSH-120 - 120W High Input Single Output Industrial DIN Rail Power Supply - Altech corporation |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| DR-120 | 120W Single Output Industrial DIN RAIL Power Supply | 1 2 | Mean Well Enterprises Co., Ltd. |
| DRH-120 | 120W Single Output Industrial DIN RAIL Power Supply | 1 2 | Mean Well Enterprises Co., Ltd. |
| DR-120 | 120W Single Output Industrial DIN RAIL Power Supply | 1 2 | Astrodyne Corporation |
| DR-100 | 100W Single Output Industrial DIN Rail Power Supply | 1 2 | Mean Well Enterprises Co., Ltd. |
| PS-S10 | 10W Single Output Industrial DIN Rail Power Supply | 1 2 | Altech corporation |
| DRP-240 | 240W Single Output Industrial DIN RAIL Power Supply | 1 2 | Mean Well Enterprises Co., Ltd. |
| PSS100 | 100W Single Output Industrial DIN Rail Power Supply PS-S100 Series | 1 | Altech corporation |
| PSS40 | 40W Single Output Industrial DIN Rail Power Supply PS-S40 Series | 1 | Altech corporation |
| PSS20 | 20W Single Output Industrial DIN Rail Power Supply PS-S20 Series | 1 | Altech corporation |
| MDR-10 | 10W Single Output Industrial DIN Rail Power Supply | 1 2 | Mean Well Enterprises Co., Ltd. |
Datasheet Page |
1 2 |
Link URL |
|
|