|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
PSP240 - 240W Single Phase Industrial DIN Rail Power Supply - Altech corporation |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| DRP-240 | 240W Single Output Industrial DIN RAIL Power Supply | 1 2 | Astrodyne Corporation |
| PSP480S_1 | 480W Single Phase Industrial DIN Rail Power Supply | 1 2 | Altech corporation |
| DRT-240 | 240W Three Phase Industrial DIN RAIL Power Supply | 1 2 | Astrodyne Corporation |
| PSP480_1 | 480W Single Phase Industrial DIN Rail Power Supply | 1 2 | Altech corporation |
| DRP-240 | 240W Single Output Industrial DIN RAIL Power Supply | 1 2 | Mean Well Enterprises Co., Ltd. |
| DRT-240 | 240W Three Phase Industrial DIN RAIL Power Supply | 1 2 | Mean Well Enterprises Co., Ltd. |
| PST240_1 | 240W Three Phase Industrial DIN Rail Power Supply | 1 2 | Altech corporation |
| PST240 | 240W Three Phase Industrial DIN Rail Power Supply Pst-240 Series | 1 | Altech corporation |
| DR-75 | 75W Single Output Industrial DIN Rail Power Supply | 1 2 | Mean Well Enterprises Co., Ltd. |
| MDR-100 | 96W Single Output Industrial DIN Rail Power Supply | 1 2 | Mean Well Enterprises Co., Ltd. |
Datasheet Page |
1 2 |
Link URL |
|
|