|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
BU406D - POWER TRANSISTORS(7A,150-200V,60W) - Mospec Semiconductor |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| BU406 | POWER TRANSISTORS 7A 150-200V 60W | 1 2 3 | Mospec Semiconductor |
| BU407H | POWER TRANSISTORS 7A 150-200V 60W | 1 2 3 | Mospec Semiconductor |
| BU806 | POWER TRANSISTORS 8.0A 150-200V 60W | 1 2 3 | Mospec Semiconductor |
| D45H2A | POWER TRANSISTORS 10A 30V 60W | 1 2 | Mospec Semiconductor |
| 2N3055 | COMPLEMENTARY SILICON POWER TRANSISTORS | 1 2 3 4 | STMicroelectronics |
| FQD6N50C | These N-Channel enhancement mode power field effect transistors are produced using Fairchilds proprietary planar stripe DMOS technology | 1 2 3 4 5 More | Fairchild Semiconductor |
| MAPLST1900-060CF | RF Power Field Effect Transistor LDMOS 1890 - 1925 MHz 60W 26V | 1 2 3 4 5 | Tyco Electronics |
| BDX33B | COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS | 1 2 3 4 | STMicroelectronics |
| CEN-U01A | Power Transistors | 1 | Central Semiconductor Corp |
| BUX48C | HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTORS | 1 2 3 4 5 More | STMicroelectronics |
Datasheet Page |
1 2 3 |
Link URL |
|
|