|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
BCX51 - PNP Medium Power Transistors - Guangdong Kexin Industrial Co.,Ltd |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| BSS69 | SOT23 PNP SILICON PLANAR MEDIUM POWER SWITCHING TRANSISTORS | 1 | Zetex Semiconductors |
| 2N6728 | PNP SILICON PLANAR MEDIUM POWER TRANSISTORS | 1 | Zetex Semiconductors |
| BSP31 | SOT223 PNP SILICON PLANAR MEDIUM POWER TRANSISTORS | 1 | Zetex Semiconductors |
| BSR31 | SOT89 PNP SILICON PLANAR MEDIUM POWER TRANSISTORS | 1 | Zetex Semiconductors |
| FXT555 | PNP SILICON PLANAR MEDIUM POWER TRANSISTOR | 1 | Zetex Semiconductors |
| ZXTP19020CFF | 20V SOT23F PNP medium power transistor | 1 2 3 4 5 More | Zetex Semiconductors |
| BSS66 | SOT23 NPN SILICON PLANAR MEDIUM POWER SWITCHING TRANSISTORS | 1 | Zetex Semiconductors |
| ZXTC2063E6 | 40V SOT23-6 complementary medium power transistors | 1 2 3 4 5 More | Zetex Semiconductors |
| STX724 | NPN MEDIUM POWER TRANSISTORS | 1 2 3 4 5 More | STMicroelectronics |
| ZXTP25040DZ | 40V PNP medium power transistor | 1 2 3 4 5 More | Zetex Semiconductors |
Datasheet Page |
1 2 |
Link URL |
|
|