|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
2AF2 - 22 mm Non-Illuminated Metal Operator 2AFx - Altech corporation |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| 2AFXRH | 22 mm Non-Illuminated Recessed Metal Operator 2AFxRh | 1 | Altech corporation |
| APX | 30 mm Non-Illuminated Projecting Momentary Metal Operator APx | 1 | Altech corporation |
| AMX | 30 mm Non-Illuminated Mushroom Momentary Metal Operator AMx | 1 | Altech corporation |
| AMLKBX | 30 mm Non-Illuminated Mushroom Metal Operator AMLKBx and AMKBx | 1 | Altech corporation |
| AFX | 30 mm Non-Illuminated Flush Momentary Metal Operator AFx | 1 | Altech corporation |
| ABX | 30 mm Non-Illuminated Booted Momentary Metal Operator ABx | 1 | Altech corporation |
| 2AS2E-X | 22 mm Non-Illuminated Metal Extended Selector Switch Operator | 1 | Altech corporation |
| 2ALFXLB-YYY | 22 mm LED Illuminated Metal Flush Momentary Operator | 1 | Altech corporation |
| ASX-YPZZ | 30 mm Selector Switch Maintained & Momentary Metal Operator AS2-xP and AS2-2PSR | 1 | Altech corporation |
| 2AMX | 22mm Non-Illuminated Mushroom Momentary Mental Operator 2AMx | 1 | Altech corporation |
Datasheet Page |
1 |
Link URL |
|
|