|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
2AM1 - 22mm Non-Illuminated Mushroom Momentary Mental Operator 2AMx - Altech corporation |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| AMX | 30 mm Non-Illuminated Mushroom Momentary Metal Operator AMx | 1 | Altech corporation |
| AFX | 30 mm Non-Illuminated Flush Momentary Metal Operator AFx | 1 | Altech corporation |
| ABX | 30 mm Non-Illuminated Booted Momentary Metal Operator ABx | 1 | Altech corporation |
| AMLKBX | 30 mm Non-Illuminated Mushroom Metal Operator AMLKBx and AMKBx | 1 | Altech corporation |
| APX | 30 mm Non-Illuminated Projecting Momentary Metal Operator APx | 1 | Altech corporation |
| ALFX-YYY | 30 mm Illuminated Flush Momentary Operator ALFx-yyy fillament bulb and ALFxLB-yyy LED bulb x=color; yyy=voltage | 1 | Altech corporation |
| 3PSFXYY | Economy Non-Illuminated Plastic Momentary Push Buttons 3PSFxyy | 1 | Altech corporation |
| AMLX | 30 mm Non-Illuminated Mushroom with Indicated Arrows AMLx | 1 | Altech corporation |
| 2ATFX-FX | 22mm Twin Touch Metal Non-illuminated Operators Flush 2ATF-Fy | 1 | Altech corporation |
| 2AS2-X | 22mm Non-Illuminated Selector Switch 2AS2-x x=type | 1 | Altech corporation |
Datasheet Page |
1 |
Link URL |
|
|