|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
SCW12 - 12W DC-DC Regulated Single Output Converter - Mean Well Enterprises Co., Ltd. |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| SCW03 | 3W DC-DC Regulated Single Output Converter | 1 | Mean Well Enterprises Co., Ltd. |
| SCW05-SPEC | 5W DC-DC Regulated Single Output Converter | 1 | Mean Well Enterprises Co., Ltd. |
| SCW08 | 8W DC-DC Regulated Single Output Converter | 1 | Mean Well Enterprises Co., Ltd. |
| DCW12 | 12W DC-DC Regulated Dual Output Converter | 1 | Mean Well Enterprises Co., Ltd. |
| NSD15-D | 15W DC-DC Regulated Single Output | 1 2 | Mean Well Enterprises Co., Ltd. |
| PSD-05-SPEC | 5W Single Output DC-DC Converter | 1 2 | Mean Well Enterprises Co., Ltd. |
| SBT01 | 1W DC-DC Unregulated Single Output Converter | 1 | Mean Well Enterprises Co., Ltd. |
| SD-25 | 25W Single Output DC-DC Converter | 1 2 | Astrodyne Corporation |
| SD-50 | 50W Single Output DC-DC Converter | 1 2 | Astrodyne Corporation |
| ALQ25_03 | Single Output Open-Frame DC-DC Converter Module Industry Standard ¼ Brick: 36V-75V Input / 5V Output | 1 2 3 4 5 More | Astec America, Inc |
Datasheet Page |
1 |
Link URL |
|
|