|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
S-240 - 240W Single Output Switching Power Supply - Mean Well Enterprises Co., Ltd. |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| S-240 | 240W Single Output Switching Power Supply | 1 2 | Astrodyne Corporation |
| RJK6014DPP | Silicon N Channel MOS FET High Speed Power Switching | 1 2 3 4 | Renesas Technology Corp |
| AS-150 | 150W Single Output Switching Power Supply | 1 2 | Astrodyne Corporation |
| PSAQF150U | U Chassis 150 Watt Single Output AC/DC Switching Power Supply | 1 2 3 | Wall Industries,Inc. |
| PSRL5017R8 | Up to 800 Watts Single Output with Active PFC AC/DC Switching Power Supply | 1 2 3 | Wall Industries,Inc. |
| PSSP150 | Single Output 150 Watt with PFC Function AC/DC Switching Power Supply | 1 2 3 | Wall Industries,Inc. |
| CLG-100 | 100W Single Output Switching Power Supply | 1 2 | Mean Well Enterprises Co., Ltd. |
| LPL-18 | 18W Single Output Switching Power Supply | 1 2 | Mean Well Enterprises Co., Ltd. |
| PS-05 | 5W Single Output Switching Power Supply | 1 2 | Mean Well Enterprises Co., Ltd. |
| RS-25 | 25W Single Output Switching Power Supply | 1 2 | Mean Well Enterprises Co., Ltd. |
Datasheet Page |
1 2 |
Link URL |
|
|