|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
MTS20 - .100 HEADER & HOUSING CONNECTOR SYSTEM - Adam Technologies, Inc. |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| CDR04TS | .100 LATCHING HEADER & HOUSING | 1 | Adam Technologies, Inc. |
| CDR-06-TS | .100 LATCHING HEADER & HOUSING | 1 | Adam Technologies, Inc. |
| BHR-34-VUA-LL | .100 BOX HEADER W/LATCHES .100 X .100 [2.54 X 2.54] CENTERLINE | 1 | Adam Technologies, Inc. |
| SFH551 | Integrated Photo Detector Receiver for Plastic Fiber Plastic Connector Housing | 1 2 3 4 | AVAGO TECHNOLOGIES LIMITED |
| FCP34SG | .100 IDC BOX HEADER .100" X .100" [2.54 X 2.54] CENTERLINE | 1 | Adam Technologies, Inc. |
| FCP-34-SG | .100 IDC BOX HEADER .100 X .100 [2.54 X 2.54] CENTERLINE | 1 | Adam Technologies, Inc. |
| 2CHB04 | HEADER & HOUSING SYSTEMS | 1 | Adam Technologies, Inc. |
| 08CH-A-XX-IDC | HEADER & HOUSING SYSTEMS 0.8mm & 1.00mm | 1 | Adam Technologies, Inc. |
| 25CH-B-XX | HEADER & HOUSING SYSTEMS 2.5mm Type B & C | 1 | Adam Technologies, Inc. |
| FTR-14-T | IDC DIP & TRANSITION PLUGS .100 [2.54] CENTERLINE | 1 | Adam Technologies, Inc. |
Datasheet Page |
1 |
Link URL |
|
|