|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
NET-35C - 35W Triple Output Switching Power Supply - Mean Well Enterprises Co., Ltd. |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| RJK6014DPP | Silicon N Channel MOS FET High Speed Power Switching | 1 2 3 4 | Renesas Technology Corp |
| RT-50 | 50W Triple Output Switching Power Supply | 1 2 | Astrodyne Corporation |
| IT-60 | 60W Isolated Triple Output Switching Power Supply | 1 2 | Mean Well Enterprises Co., Ltd. |
| RT-65 | 65W Triple Output Switching Power Supply | 1 2 | Astrodyne Corporation |
| RT-85 | 85W Triple Output Switching Power Supply | 1 2 | Astrodyne Corporation |
| RT-125 | 125W Triple Output Switching Power Supply | 1 2 | Astrodyne Corporation |
| RD-35 | 35W Dual Output Switching Power Supply | 1 2 | Astrodyne Corporation |
| PSASC | 30 Watt Encapsulated PCB Mount Single Dual and Triple Output AC/DC Switching Power Supply | 1 2 3 | Wall Industries,Inc. |
| RS-35 | 35W Single Output Switching Power Supply | 1 2 | Astrodyne Corporation |
| LPC-35 | 35W Single Output Switching Power Supply | 1 2 | Mean Well Enterprises Co., Ltd. |
Datasheet Page |
1 2 |
Link URL |
|
|