Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LR8K4 Datasheet (PDF) - Supertex, Inc

LR8K4 Datasheet PDF - Supertex, Inc
Part # LR8K4
Download  LR8K4 Download

File Size   601.86 Kbytes
Page   11 Pages
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc
Description High Input Voltage Adjustable 3-Terminal Linear Regulator

LR8K4 Datasheet (PDF)

Go To PDF Page Download Datasheet
LR8K4 Datasheet PDF - Supertex, Inc

Part # LR8K4
Download  LR8K4 Click to download

File Size   601.86 Kbytes
Page   11 Pages
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc
Description High Input Voltage Adjustable 3-Terminal Linear Regulator

LR8K4 Datasheet (HTML) - Supertex, Inc

Back Button LR8K4 Datasheet HTML 1Page - Supertex, Inc LR8K4 Datasheet HTML 2Page - Supertex, Inc LR8K4 Datasheet HTML 3Page - Supertex, Inc LR8K4 Datasheet HTML 4Page - Supertex, Inc LR8K4 Datasheet HTML 5Page - Supertex, Inc LR8K4 Datasheet HTML 6Page - Supertex, Inc LR8K4 Datasheet HTML 7Page - Supertex, Inc LR8K4 Datasheet HTML 8Page - Supertex, Inc LR8K4 Datasheet HTML 9Page - Supertex, Inc LR8K4 Datasheet HTML 10Page - Supertex, Inc Next Button 

LR8K4 Product details

General Description
The Supertex LR8 is a high voltage, low output current, adjustable linear regulator. It has a wide operating input voltage range of 13.2V to 450V. The output voltage can be adjusted from 1.20V to 440V provided that the input voltage is at least 12V greater than the output voltage. The output voltage can be adjusted by means of two external resistors R1 and R2 as shown in the typical application circuits. The LR8 regulates the voltage difference between VOUT and ADJ pins to a nominal value of 1.20V. The 1.20V is amplifi ed by the external resistor ratio R1 and R2. An internal constant bias current of typically 10µA is connected to the ADJ pin. This increases VOUT by a constant voltage of 10µA times R2.
The LR8 has current limiting and temperature limiting. The output current limit is typically 20mA and the minimum temperature limit is 125°C. An output short circuit current will therefore be limited to 20mA. When the junction temperature reaches its temperature limit, the output current and/or output voltage will decrease to keep the junction temperature from exceeding its temperature limit. For SMPS start-up circuit applications, the LR8 turns off when an external voltage greater than the output voltage of the LR8 is applied to VOUT of the LR8. To maintain stability, a bypass capacitor of 1.0µF or larger and a minimum DC output current of 500µA are required.
The device is available in TO-243AA (SOT-89), TO-252 (D-PAK), and TO-92 packages.

Features
► 13.2V to 450V input voltage range
► Adjustable 1.20V to 440V output regulation
► 5% output voltage tolerance
► Output current limiting
► 10µA typical ADJ current
► Internal junction temperature limiting

Applications
► Off-line SMPS startup circuits
► Adjustable high voltage constant current source
► Industrial controls
► Motor controls
► Battery chargers
► Power supplies



Similar Part No. - LR8K4

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
LR8K4-G SUTEX-LR8K4-G Datasheet
697Kb / 9P
   High Input Voltage Adjustable 3-Terminal Linear Regulator
More results


Similar Description - LR8K4

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
LR12 SUTEX-LR12_13 Datasheet
1Mb / 10P
   High Input Voltage, Adjustable 3-Terminal Linear Regulator
LR12 SUTEX-LR12 Datasheet
833Kb / 9P
   High Input Voltage Adjustable 3-Terminal Linear Regulator
LR8 SUTEX-LR8_07 Datasheet
697Kb / 9P
   High Input Voltage Adjustable 3-Terminal Linear Regulator
logo
First Silicon Co., Ltd
FRR8 FS-FRR8 Datasheet
371Kb / 3P
   High Input Voltage Adjustable 3-Terminal Linear Regulator
logo
SHANTOU HUASHAN ELECTRO...
HTL431 HUASHAN-HTL431 Datasheet
230Kb / 3P
   3-TERMINAL ADJUSTABLE VOLTAGE REGULATOR
logo
Sipex Corporation
SP317L SIPEX-SP317L Datasheet
573Kb / 13P
   3-Terminal Adjustable Voltage Regulator
logo
BCD Semiconductor Manuf...
AZ317 BCDSEMI-AZ317 Datasheet
177Kb / 14P
   3-TERMINAL 1A ADJUSTABLE VOLTAGE REGULATOR
AZ317 BCDSEMI-AZ317_07 Datasheet
183Kb / 14P
   3-TERMINAL 1A ADJUSTABLE VOLTAGE REGULATOR
AZ317 BCDSEMI-AZ317_13 Datasheet
786Kb / 15P
   3-TERMINAL 1A ADJUSTABLE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS317L TSC-TS317L_14 Datasheet
496Kb / 10P
   3-Terminal Adjustable Positive Voltage Regulator
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com