|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
BD250 - POWER TRANSISTORS(25A,125W) - Mospec Semiconductor |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| MJ413 | 10 Amp NPN Silicon Power Transistors 125W | 1 2 | Micro Commercial Components |
| RFP25N05 | 25A 50V 0.047 Ohm N-Channel Power MOSFET | 1 2 3 4 5 More | Intersil Corporation |
| BD533 | COMPLEMENTARY SILICON POWER TRANSISTORS | 1 2 3 4 | STMicroelectronics |
| BUV46 | HIGH VOLTAGE NPN SILICON POWER TRANSISTORS | 1 2 3 4 | STMicroelectronics |
| D44H8 | NPN SILICON POWER TRANSISTORS | 1 2 3 4 5 | STMicroelectronics |
| MTM45N05E | TMOS IV POWER FIELD EFFECT TRANSISTORS | 1 2 3 4 5 More | Motorola, Inc |
| LET9130 | RF POWER TRANSISTORS Ldmos Enhanced Technology | 1 2 3 4 5 More | STMicroelectronics |
| MJE172 | COMPLEMENTARY SILICON POWER TRANSISTORS | 1 2 3 4 | STMicroelectronics |
| PD57018 | RF POWER TRANSISTORS The LdmoST Plastic FAMILY | 1 2 3 4 | STMicroelectronics |
| SD2922 | RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs | 1 2 3 4 5 More | STMicroelectronics |
Datasheet Page |
1 2 3 |
Link URL |
|
|