|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
2FTR-10 - 2.00mm IDC SOCKET & TRANSITION PLUG - Adam Technologies, Inc. |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| 2FCS40SG | 2.00mm IDC SOCKET & TRANSITION PLUG | 1 | Adam Technologies, Inc. |
| USBMOD1 | USB Plug and Play Serial Development Module | 1 2 3 4 5 | List of Unclassifed Manufacturers |
| IRAM136-0461G | iMOTION⢠Series 4A 600V Plug N DriveTM Integrated Power Module for Energy Efficient Motor Drives | 1 2 3 4 5 More | International Rectifier |
| 10FF-3Z-C3 | RELAY SOCKET | 1 | Hongfa Technology |
| 18FF-2Z-A1 | RELAY SOCKET | 1 | Hongfa Technology |
| 18FF-4Z-C1 | RELAY SOCKET | 1 | Hongfa Technology |
| PCI6515A | Single Socket CardBus Controller with Dedicated Smart Card Socket | 1 2 3 4 5 More | Texas Instruments |
| EMX5_1 | High transition frequency dual transistors | 1 2 3 | Rohm |
| 2BHR20VUA | 2.00mm BOX HEADERS .079 [2.00] CENTERLINE | 1 | Adam Technologies, Inc. |
| USBMOD4 | USB Plug and Play Parallel 8-Bit FIFO Development Module Second Generation | 1 2 3 4 5 More | List of Unclassifed Manufacturers |
Datasheet Page |
1 |
Link URL |
|
|