|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
GS12U - 10 ~ 12WAC-DC Single Output Wall-mounted type - Mean Well Enterprises Co., Ltd. |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| GS12E | 10 ~ 12WAC-DC Single Output Wall-mounted type | 1 2 | Mean Well Enterprises Co., Ltd. |
| ES25E | 20~25WAC-DC Single Output Wall-mounted type | 1 2 | Mean Well Enterprises Co., Ltd. |
| ES25U | 20~25WAC-DC Single Output Wall-mounted type | 1 2 | Mean Well Enterprises Co., Ltd. |
| GS06E | 4 ~ 6WAC-DC Single Output Wall-mounted type | 1 2 | Mean Well Enterprises Co., Ltd. |
| GS06U | 4 ~ 6WAC-DC Single Output Wall-mounted type | 1 2 | Mean Well Enterprises Co., Ltd. |
| ES18E | 9~18WAC-DC Single Output Wall-mounted type | 1 2 | Mean Well Enterprises Co., Ltd. |
| ES18U | 9~18WAC-DC Single Output Wall-mounted type | 1 2 | Mean Well Enterprises Co., Ltd. |
| MPS-30 | 30W Single Output for Medical Type | 1 2 | Astrodyne Corporation |
| MPS-45 | 45W Single Output for Medical Type | 1 2 3 4 5 More | Astrodyne Corporation |
| MPS-65 | 65W Single Output for Medical Type | 1 2 3 4 5 More | Astrodyne Corporation |
Datasheet Page |
1 2 |
Link URL |
|
|