|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
DCW12 - 12W DC-DC Regulated Dual Output Converter - Mean Well Enterprises Co., Ltd. |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| DCW03 | 3W DC-DC Regulated Dual Output Converter | 1 | Mean Well Enterprises Co., Ltd. |
| DCW08 | 8W DC-DC Regulated Dual Output Converter | 1 | Mean Well Enterprises Co., Ltd. |
| VEFT1-SMT | Dual Output Series Dc-Dc Converter | 1 2 3 | CUI INC, |
| DI-53 | 50 W DC-DC Dual Output Converter | 1 2 | Power Integrations, Inc. |
| ZXLD1322 | Buck/boost mode DC-DC converter for LED driving with 700mA output and current control | 1 2 3 4 5 More | Zetex Semiconductors |
| LANEH | Single and Dual Output 1 Watt DC/DC Converter | 1 2 3 4 | Wall Industries,Inc. |
| MDW | Single and Dual Output 20 Watt DC/DC Converter 4:1 Wide Input Voltage Range | 1 2 3 | Wall Industries,Inc. |
| SC198A | Dual DC-DC Buck Converter with High Current Capability | 1 2 3 4 5 More | Semtech Corporation |
| ZXLD1321 | Boost mode DC-DC converter for LED driving with 1A output and current control | 1 2 3 4 5 More | Zetex Semiconductors |
| LANEH2 | 3KVDC I/O Isolation Single and Dual Output 2 Watt DC/DC Converter | 1 2 3 | Wall Industries,Inc. |
Datasheet Page |
1 |
Link URL |
|
|