|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
XO5166 - 14 DIP, 3.3 or 5.0 Volt, HCMOS Compatible Output, OCXO - MTRONPTI |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| M6049 | 14 Pin Dip 3.3 & 5.0 Volt HCMOS Clipped Sinewave Precision TCXO/TCVCXO | 1 2 3 4 5 More | MTRONPTI |
| M3L_07 | 3.2x5 mm 3.3 or 5.0 Volt HCMOS Clock Oscillator | 1 2 | MTRONPTI |
| M3H_07 | 8 pin DIP 3.3 or 5.0 Volt HCMOS/TTL Clock Oscillator | 1 | MTRONPTI |
| MV3 | 5x7 mm 3.3 or 5.0 Volt HCMOS VCXO | 1 2 | MTRONPTI |
| XO5160_07 | 14 pin DIP 5.0 Volt HCMOS/TTL OCXO | 1 2 | MTRONPTI |
| M610X | M610x Series Stratum 3 5 x 7 mm 3.0 3.3 & 5.0 Volt HCMOS or Clipped Sinewave Precision TCXO/TCVCXO | 1 2 3 4 5 More | MTRONPTI |
| M611X | M611x Series 5 x 7 mm 3.0 3.3 & 5.0 Volt HCMOS or Clipped Sinewave Precision TCXO/TCVTCXO | 1 2 3 4 5 More | MTRONPTI |
| M213FAN | 5x7 mm 3.3 Volt HCMOS/TTL Compatible Output Clock Oscillator | 1 2 | MTRONPTI |
| M3A_0611 | 8 pin DIP 5.0 or 3.3 Volt ACMOS/TTL Clock Oscillators | 1 | MTRONPTI |
| M2_08 | 5x7 mm 3.3 Volt HCMOS/TTL Compatible Output Clock Oscillator | 1 2 | MTRONPTI |
Datasheet Page |
1 2 3 4 5 6 7 |
Link URL |
|
|