|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
MV_07 - 14 DIP, 5.0 Volt, HCMOS/TTL, VCXO - MTRONPTI |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| MV11V1AD | 14 DIP 5.0 Volt HCMOS/TTL VCXO | 1 | MTRONPTI |
| M3H_07 | 8 pin DIP 3.3 or 5.0 Volt HCMOS/TTL Clock Oscillator | 1 | MTRONPTI |
| K1603T_06 | 14 pin DIP 5.0 Volt CMOS/TTL VCXO | 1 2 | MTRONPTI |
| K1603TE_06 | 14 pin DIP 5.0 Volt CMOS/TTL VCXO | 1 2 | MTRONPTI |
| MHO+ | 14 pin DIP 5.0 Volt HCMOS/TTL Clock Oscillator | 1 | MTRONPTI |
| K1523BA_07 | 14 DIP 5.0 Volt TTL/HCMOS VCXO | 1 2 | MTRONPTI |
| M3H_0611 | 8 pin DIP 3.3 or 5.0 Volt HCMOS/TTL Clock Oscillator | 1 | MTRONPTI |
| K1524A_07 | 14 pin DIP 5.0 Volt CMOS/TTL VCXO | 1 2 | MTRONPTI |
| MHO+_07 | 14 pin DIP 5.0 Volt HCMOS/TTL Clock Oscillator | 1 | MTRONPTI |
| K1525C_07 | 14 pin DIP 5.0 Volt CMOS/TTL VCXO | 1 2 | MTRONPTI |
Datasheet Page |
1 |
Link URL |
|
|