|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
M6027_07 - 3.2 x 5 mm, 3.0 Volt, Clipped Sinewave, TCXO/TCVCXO - MTRONPTI |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| M6027_0612 | 3.2 x 5 mm 3.0 Volt Clipped Sinewave TCXO/TCVCXO | 1 2 | MTRONPTI |
| M610X | M610x Series Stratum 3 5 x 7 mm 3.0 3.3 & 5.0 Volt HCMOS or Clipped Sinewave Precision TCXO/TCVCXO | 1 2 3 4 5 More | MTRONPTI |
| M6029_0611 | 5x7 mm 3.0 Volt Clipped Sinewave TCXO/TCVCXO | 1 2 | MTRONPTI |
| M6049 | 14 Pin Dip 3.3 & 5.0 Volt HCMOS Clipped Sinewave Precision TCXO/TCVCXO | 1 2 3 4 5 More | MTRONPTI |
| M611X | M611x Series 5 x 7 mm 3.0 3.3 & 5.0 Volt HCMOS or Clipped Sinewave Precision TCXO/TCVTCXO | 1 2 3 4 5 More | MTRONPTI |
| M6029_08 | 5x7 mm 3.0 Volt Clipped Sinewave TCXO/TCVCXOPARAMETER Symbol | 1 2 | MTRONPTI |
| EM32S | Clipped Sinewave 3.2 x 2.5 x1.3mm SMD | 1 | EUROQUARTZ limited |
| EM53S | Clipped Sinewave 5 x 3.2 x1.2mm SMD | 1 | EUROQUARTZ limited |
| ZLDO300 | 3.0 VOLT ULTRA LOW DROPOUT REGULATOR | 1 2 3 4 5 More | Zetex Semiconductors |
| EM14GS | Clipped Sinewave 14 pin DIL | 1 | EUROQUARTZ limited |
Datasheet Page |
1 2 |
Link URL |
|
|