Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SB120 Datasheet (PDF) - Tak Cheong Electronics (Holdings) Co.,Ltd

SB120 Datasheet PDF - Tak Cheong Electronics (Holdings) Co.,Ltd
Part # SB120
Download  SB120 Download

File Size   121.21 Kbytes
Page   2 Pages
Manufacturer  TAK_CHEONG [Tak Cheong Electronics (Holdings) Co.,Ltd]
Direct Link  http://www.takcheong.com/en/index.asp
Logo TAK_CHEONG - Tak Cheong Electronics (Holdings) Co.,Ltd
Description 1.0AMP. Schottky Barrier Rectifier

SB120 Datasheet (PDF)

Go To PDF Page Download Datasheet
SB120 Datasheet PDF - Tak Cheong Electronics (Holdings) Co.,Ltd

Part # SB120
Download  SB120 Click to download

File Size   121.21 Kbytes
Page   2 Pages
Manufacturer  TAK_CHEONG [Tak Cheong Electronics (Holdings) Co.,Ltd]
Direct Link  http://www.takcheong.com/en/index.asp
Logo TAK_CHEONG - Tak Cheong Electronics (Holdings) Co.,Ltd
Description 1.0AMP. Schottky Barrier Rectifier

SB120 Datasheet (HTML) - Tak Cheong Electronics (Holdings) Co.,Ltd

SB120 Datasheet HTML 1Page - Tak Cheong Electronics (Holdings) Co.,Ltd SB120 Datasheet HTML 2Page - Tak Cheong Electronics (Holdings) Co.,Ltd

SB120 Product details

1.0AMP.Schottky Barrier Rectifier
VOLTAGE:20 TO 100V CURRENT:1.0A

Specification Features:
• Case: Epoxy, Molded
• Weight: 0.4Gram (Approximately)
• High current capability,Low Forward Voltage Drop
• High surge current capability
• Finish: All External Surfaces Corrosion Resistant
   And Terminal Leads Are Readily Solderable
• Lead And Mounting Surface Temperature For Soldering Purposed:
   260℃ Max. For 10 Seconds 1/16 Inch From Case
• RoHS Compliant
• Cathode Indicated By Polarity Band




Similar Part No. - SB120

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SB120 VISHAY-SB120 Datasheet
70Kb / 4P
   Schottky Barrier Rectifier
Revision: 16-Oct-09
logo
Pan Jit International I...
SB120 PANJIT-SB120 Datasheet
45Kb / 2P
   1 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE 50 to 100 Volts CURRENT - 1.0 Ampere)
logo
SAMYANG ELECTRONICS CO....
SB120 SAMYANG-SB120 Datasheet
1Mb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Unisonic Technologies
SB120 UTC-SB120 Datasheet
119Kb / 3P
   SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SB120 VISHAY-SB120 Datasheet
109Kb / 2P
   Schottky Barrier Rectifier
04-Jun-03
More results


Similar Description - SB120

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
1N5817 TAK_CHEONG-1N5817 Datasheet
120Kb / 2P
   1.0AMP. Schottky Barrier Rectifier
logo
Shanghai Lunsure Electr...
1S20 CHENYI-1S20 Datasheet
54Kb / 3P
   1.0Amp Schottky Barrier Rectifier
logo
Taiwan Semiconductor Co...
SK12B TSC-SK12B_11 Datasheet
207Kb / 2P
   1.0AMP Surface Mount Schottky Barrier Rectifier
SSL12 TSC-SSL12_11 Datasheet
201Kb / 2P
   1.0AMP Surface Mount Schottky Barrier Rectifier
SK12B TSC-SK12B_13 Datasheet
260Kb / 4P
   1.0AMP Surface Mount Schottky Barrier Rectifier
SS12 TSC-SS12_11 Datasheet
138Kb / 2P
   1.0AMP Surface Mount Schottky Barrier Rectifier
SS13M TSC-SS13M Datasheet
176Kb / 3P
   1.0Amp Surface Mount Schottky Barrier Rectifier
logo
WILLAS ELECTRONIC CORP
SK12B WILLAS-SK12B Datasheet
284Kb / 2P
   1.0AMP SCHOTTKY BARRIER RECTIFIERS
logo
Taiwan Semiconductor Co...
1N5817 TSC-1N5817_12 Datasheet
250Kb / 4P
   1.0AMP. Schottky Barrier Rectifiers
logo
DONGGUAN YOU FENG WEI E...
SR120 YFWDIODE-SR120 Datasheet
73Kb / 2P
   1.0Amp Schottky Barrier Rectifiers
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com