|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
1N4148W - 400mW SOD-123 SURFACE MOUNT Small Outline Flat Lead Plastic Package General Purpose Application Fast Switching Diode - Tak Cheong Electronics (Holdings) Co.,Ltd |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| BAT42WS | 0.2W Surface Mount Flat Lead Fast Switching Schottky Barrier Diode | 1 2 | Taiwan Semiconductor Company, Ltd |
| UDZS3V6B | 200mW Surface Mount Flat Lead Plastic Package Zener Diode | 1 2 | Taiwan Semiconductor Company, Ltd |
| BAV19WS | 0.2W Surface Mount Flat Lead High Voltage Switching Diode | 1 2 | Taiwan Semiconductor Company, Ltd |
| MMBD4148_06 | SURFACE MOUNT FAST SWITCHING DIODE | 1 2 3 4 | Won-Top Electronics |
| BAV16W_1 | SURFACE MOUNT FAST SWITCHING DIODE | 1 2 3 | Diodes Incorporated |
| BAS16T_1 | SURFACE MOUNT FAST SWITCHING DIODE | 1 2 3 | Diodes Incorporated |
| 1N4148W_06 | SURFACE MOUNT FAST SWITCHING DIODE | 1 2 3 4 | Won-Top Electronics |
| MMBD4148W_06 | SURFACE MOUNT FAST SWITCHING DIODE | 1 2 3 4 | Won-Top Electronics |
| 1N4448HWS_1 | SURFACE MOUNT FAST SWITCHING DIODE | 1 2 3 | Diodes Incorporated |
| 1N4148WS_06 | SURFACE MOUNT FAST SWITCHING DIODE | 1 2 3 4 | Won-Top Electronics |
Datasheet Page |
1 2 3 4 |
Link URL |
|
|