|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
HX5005 - 2 - 7 GHz GaAs Double Balanced Mixer - HBH Microwave GmbH |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| MA4EX2401 | GaAs MMIC Double Balanced 24 GHz Mixer | 1 2 3 4 | Tyco Electronics |
| HX5004 | 5.4 - 5.9 GHz GaAs Double Balanced Mixer | 1 | HBH Microwave GmbH |
| HMC-C035 | GaAs MMIC DOUBLE BALANCED MIXER MODULE 23 - 37 GHz | 1 2 3 4 5 More | Hittite Microwave Corporation |
| MA4EX1201-1300T | GaAs MMIC Double Balanced 11-15 GHz Mixer | 1 2 3 | Tyco Electronics |
| MA4EX370L-1225T | Low Cost Silicon Double Balanced HMIC⢠Mixer 3.0 - 4.0 GHz | 1 2 | Tyco Electronics |
| HMC272MS8_06 | GaAs MMIC SMT SINGLE BALANCED MIXER 1.7 - 3.0 GHz | 1 2 3 4 5 More | Hittite Microwave Corporation |
| HMC285_07 | GaAs MMIC SMT SINGLE BALANCED MIXER 1.7 - 3.5 GHz | 1 2 3 4 5 More | Hittite Microwave Corporation |
| XM1000-BD | 32.0-46.0 GHz GaAs MMIC Balanced Mixer | 1 2 3 4 5 More | Mimix Broadband |
| XM1004-BD | 20.0-38.0 GHz GaAs MMIC Balanced Mixer | 1 2 3 4 5 | Mimix Broadband |
| XM1005-BD | 37.0-46.0 GHz GaAs MMIC Balanced Image Reject Mixer | 1 2 3 4 5 More | Mimix Broadband |
Datasheet Page |
1 2 |
Link URL |
|
|