|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
HP1002 - 1700 - 2000 MHz Phase Shifter - HBH Microwave GmbH |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| HP1002 | 1700 - 2000 MHz Phase Shifter | 1 | HBH Microwave GmbH |
| MD57-0002 | High Linearity MMIC Mixer with Integrated Local Oscillator Amplifier 1700 - 2000 MHz | 1 2 3 4 | Tyco Electronics |
| HP1001 | 800 - 1200 MHz Phase Shifter | 1 | HBH Microwave GmbH |
| AT10-0017_1 | Voltage Variable Absorptive Attenuator 1700 - 2000 MHz | 1 2 3 | Tyco Electronics |
| AD8333 | DC to 50 MHz Dual I/Q Demodulator and Phase Shifter | 1 2 3 4 5 More | Analog Devices |
| PS094-315 | Voltage Controlled Phase Shifter 700-1200 MHz | 1 2 3 4 | Skyworks Solutions Inc. |
| MAAV-007090-000100 | Voltage Variable Attenuator 1700 - 2000 MHz | 1 2 3 4 | Tyco Electronics |
| MACPCC0001 | Low Cost SMT 17 dB Bi-Directional Coupler 1700 - 2000 MHz | 1 2 3 4 | Tyco Electronics |
| PS214-315_06 | Voltage Controlled Phase Shifter 1700-2800 MHz | 1 2 3 4 5 | Skyworks Solutions Inc. |
| MAMXSS0010 | MMIC Medium Level Mixer 1700 - 2000 MHz | 1 2 3 | Tyco Electronics |
Datasheet Page |
1 |
Link URL |
|
|